PART |
Description |
Maker |
L29C520JC22 |
4 x 8-bit multilevel pipeline register. Speed 22 ns
|
LOGIC Devices Incorporated
|
PI29FCT2520T PI29FCT520T PI29FCT521T |
Fast CMOS multilevel pipeline register
|
Pericom Technology
|
AS7C33128PFD36A-166TQI AS7C33128PFD32A AS7C33128PF |
3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 150MHz 3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 133MHz 3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 100MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 166MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 150MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 133MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 100MHz 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor Corp...
|
AS4C32M16D1A AS4C32M16D1A-5TCN AS4C32M16D1A-5TIN A |
32M x 16 bit DDR Synchronous DRAM Internal pipeline architecture
|
Alliance Semiconductor ...
|
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
NB6L11 NB6L11DTR2 NB6L11D NB6L11DR2 NB6L11DT |
2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR 6L SERIES, LOW SKEW CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 6GHz 2.5V/3.3V Multilevel Input to Differential LVNECL/LVPECL 1:2 Clock or Data Fanout Buffer/Transl From old datasheet system
|
ONSEMI[ON Semiconductor]
|
AS7C33256P AS7C33256PFD18B AS7C33256PFD18BV.1.2 AS |
3.3V 256K x 18 pipeline burst synchronous SRAM 256K X 18 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 256K 】 18 pipeline burst synchronous SRAM Sync SRAM - 3.3V From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
MAX983071109 |
3.3W Mono Class DG Multilevel Audio Amplifier
|
Maxim Integrated Products
|
AS7C33128PFS32A AS7C33128PFS32A-100TQC AS7C33128PF |
3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 9 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 128K X 36 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 12 ns, PQFP100 DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/AMMO
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|